전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE371-48 데이터시트(PDF) 2 Page - Pasternack Enterprises, Inc.

부품명 PE371-48
상세설명  2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE371-48 데이터시트(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE371-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Temperature
Temperature Operating Range
-65 to +165 deg C
Size
Length
48 in [121.92 cm]
Diameter
0.38 in [9.65 mm]
.
Cable Color
Gray
One Time Minimum Bend Radius
0.32 in [8.13 mm]
Cable
Cable Type
PE-P102
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
ETFE
Jacket Diameter
0.102 in [2.59 mm]
Connector 1
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In. Minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PPO
Connector 2
Type
2.92mm Male
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488 50µ In. Minimum
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
5/16 Inch
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2700
Dielectric Type
PPO
PE371-48 REV 1.0
PE371-48
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE371-48
2.92mm Male to 2.92mm Male Test Cable 48 Inch
Length Using PE-P102 Coax, RoHS



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com