전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE371-48 데이터시트(PDF) 3 Page - Pasternack Enterprises, Inc.

부품명 PE371-48
상세설명  2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE371-48 데이터시트(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE371-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS PE371-
48
URL: http://www.pasternack.com/2.92mm-male-2.92mm-male-pe-p102-cable-assembly-pe371-48-p.aspx
PE371-48 REV 1.0
PE371-48
2.92mm Male to 2.92mm Male Test Cable 48 Inch
Length Using PE-P102 Coax, RoHS



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com