전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE371-48 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE371-48
상세설명  2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE371-48 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE371-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE371-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
2.92mm Male
Connector 2
2.92mm Male
Cable Type
PE-P102
Electrical Specifications
Frequency Range
DC to 40 GHz
Impedance
50 Ohms
Maximum VSWR
1.4:1
Velocity of Propagation
76 %
RF Shielding
90 dB
Peak Power
550 Watts
Typical Performance by Frequency
Frequency 1
Frequency
6 GHz
VSWR
1.25:1
Insertion Loss
3 dB
Power Handling, Watts
160
Frequency 2
Frequency
12 GHz
VSWR
1.25:1
Insertion Loss
4.32 dB
Power Handling
110 Watts
Frequency 3
Frequency
18 GHz
VSWR
1.25:1
Insertion Loss
5.44 dB
Power Handling
89 Watts
Frequency 4
Frequency
26.5 GHz
VSWR
1.4:1
Insertion Loss
6.68 dB
Power Handling
73 Watts
Frequency 5
Frequency
40 GHz
VSWR
1.4:1
Insertion Loss
8.52 dB
Power Handling
58 Watts
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 2.92mm Male to 2.92mm Male Test Cable 48 Inch Length Using PE-P102 Coax, RoHS
PE371-48
PE371-48 REV 1.0
PE371-48
2.92mm Male to 2.92mm Male Test Cable 48 Inch
Length Using PE-P102 Coax, RoHS


유사한 부품 번호 - PE371-48

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE371-100CM PASTERNACK-PE371-100CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 100 CM Length Using PE-P102 Coax, RoHS
PE371-12 PASTERNACK-PE371-12 Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 12 Inch Length Using PE-P102 Coax, RoHS
PE371-150CM PASTERNACK-PE371-150CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 150 CM Length Using PE-P102 Coax, RoHS
PE371-200CM PASTERNACK-PE371-200CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 200 CM Length Using PE-P102 Coax, RoHS
PE371-24 PASTERNACK-PE371-24 Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
More results

유사한 설명 - PE371-48

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE371 PASTERNACK-PE371 Datasheet
473Kb / 4P
2.92mm Male to 2.92mm Male Cable Using PE-P102 Coax, RoHS
PE371-12 PASTERNACK-PE371-12 Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 12 Inch Length Using PE-P102 Coax, RoHS
PE371-24 PASTERNACK-PE371-24 Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 24 Inch Length Using PE-P102 Coax, RoHS
PE371-36 PASTERNACK-PE371-36 Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 36 Inch Length Using PE-P102 Coax, RoHS
PE371-50CM PASTERNACK-PE371-50CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 50 CM Length Using PE-P102 Coax, RoHS
PE371-60 PASTERNACK-PE371-60 Datasheet
486Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 60 Inch Length Using PE-P102 Coax, RoHS
PE371-100CM PASTERNACK-PE371-100CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 100 CM Length Using PE-P102 Coax, RoHS
PE371-150CM PASTERNACK-PE371-150CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 150 CM Length Using PE-P102 Coax, RoHS
PE371-200CM PASTERNACK-PE371-200CM Datasheet
474Kb / 4P
2.92mm Male to 2.92mm Male Test Cable 200 CM Length Using PE-P102 Coax, RoHS
PE3C1377LF-48 PASTERNACK-PE3C1377LF-48 Datasheet
845Kb / 5P
2.92mm Male to 2.92mm Male Cable 48 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com