전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8323E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MPC8323E_10 Datasheet

  • # Example questions: ➢ What is the function of the security engine, and which cryptographic algorithms does it support as outlined in the document?
    ➢ What are the primary protocols supported by the quicc engine's universal communication controllers (uccs)?
    ➢ How many tdm interfaces does it support, and what other types of interfaces are mentioned alongside them?

  • Part No.MPC8323E_10
    ManufacturerFREESCALE
    Size1Mb
    Pages82 pages
    DescriptionPowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
    Datasheet Summary with AI

    1. Overview and Key Features

    ️· Purpose: The MPC8323E is a high-performance integrated communications processor designed for networking, communications, and other applications requiring substantial processing power.
    ️· QUICC Engine Block: This is a central component integrating various communication controllers and providing flexibility in supporting different protocols.
    ️· Security Engine: Optimized for security algorithms common in modern communication standards.
    ️· DDR Memory Controller: Supports DDR1 and DDR2 SDRAM for memory access.
    ️· PCI Controller: Provides a standard PCI interface for peripheral connectivity.
    ️· Programmable Interrupt Controller (PIC): Flexible interrupt handling.

    2. Communication Capabilities

    ️· Serial Interfaces:
    - One UL2 interface (31 multi-PHY addresses).
    - Up to three 10/100 Mbps Ethernet interfaces (MII/RMII).
    - Up to four T1/E1/J1/E3 or DS-3 serial interfaces (TDM).
    - Dual UART and SPI interfaces.
    - Single I²C interface.
    ️· Protocols Supported (among others):
    - ATM (up to OC-3/155 Mbps) with traffic shaping.
    - IP (IPv4 & IPv6)
    - HDLC (up to 64 channels)
    - BISYNC, UART
    - QUICC multi-channel controller (QMC) for TDM channels
    ️· UTOPIA Interface: Supports 31 multi-PHYs.
    ️· Baud Rate Generators: 13 independent generators with 19 input clock pins.

    3. QUICC Engine Block Details

    ️· RISC Controller: Provides flexible control over communication peripherals.
    ️· Serial DMA: Supports receive and transmit operations for all serial channels.
    ️· Universal Communication Controllers (UCCs): Can support a variety of protocols simultaneously (but not *all* simultaneously), including:
    - 10/100 Mbps Ethernet
    - IP Support
    - ATM
    - HDLC
    - BISYNC
    - UART
    - QUICC Multi-channel Controller
    ️· Two SPI interfaces (SPI2 is dedicated to Ethernet PHY management)
    ️· Four TDM interfaces

    4. Security Engine

    ️· Algorithms Supported: Designed for IPSec, IEEE 802.11i, and iSCSI.
    ️· Components: Crypto-channel, controller, and crypto execution units (EUs).
    ️· Execution Units: DES/3DES (DEU), AES (AESU), MD5/SHA1/SHA-256/HMAC (MDEU).

    5. Memory and PCI

    ️· DDR Memory Controller:
    - Supports DDR1/DDR2 SDRAM.
    - Data rate up to 266 MHz.
    - Single 32-bit interface.
    ️· PCI Controller:
    - PCI Specification Revision 2.3 compatible.
    - 32-bit data interface up to 66 MHz.
    - Supports host and agent modes.

    6. Electrical Characteristics (Highlights)

    ️· Absolute Maximum Ratings: Defines stress ratings; operation beyond these limits is not guaranteed. Includes voltage limits for various I/O and core signals. Temperature ranges are also specified.
    ️· Caution Notes: Specify limits for input voltages to prevent damage.

    Key Takeaway: The MPC8323E is a powerful processor with a highly integrated communications core, making it suitable for a wide range of networking and communications applications.

    1. Overview and Key Features

    ️· Purpose: The MPC8323E is a high-performance integrated communications processor designed for networking, communications, and other applications requiring substantial processing power.
    ️· QUICC Engine Block: This is a central component integrating various communication controllers and providing flexibility in supporting different protocols.
    ️· Security Engine: Optimized for security algorithms common in modern communication standards.
    ️· DDR Memory Controller: Supports DDR1 and DDR2 SDRAM for memory access.
    ️· PCI Controller: Provides a standard PCI interface for peripheral connectivity.
    ️· Programmable Interrupt Controller (PIC): Flexible interrupt handling.

    2. Communication Capabilities

    ️· Serial Interfaces:
    - One UL2 interface (31 multi-PHY addresses).
    - Up to three 10/100 Mbps Ethernet interfaces (MII/RMII).
    - Up to four T1/E1/J1/E3 or DS-3 serial interfaces (TDM).
    - Dual UART and SPI interfaces.
    - Single I²C interface.
    ️· Protocols Supported (among others):
    - ATM (up to OC-3/155 Mbps) with traffic shaping.
    - IP (IPv4 & IPv6)
    - HDLC (up to 64 channels)
    - BISYNC, UART
    - QUICC multi-channel controller (QMC) for TDM channels
    ️· UTOPIA Interface: Supports 31 multi-PHYs.
    ️· Baud Rate Generators: 13 independent generators with 19 input clock pins.

    3. QUICC Engine Block Details

    ️· RISC Controller: Provides flexible control over communication peripherals.
    ️· Serial DMA: Supports receive and transmit operations for all serial channels.
    ️· Universal Communication Controllers (UCCs): Can support a variety of protocols simultaneously (but not *all* simultaneously), including:
    - 10/100 Mbps Ethernet
    - IP Support
    - ATM
    - HDLC
    - BISYNC
    - UART
    - QUICC Multi-channel Controller
    ️· Two SPI interfaces (SPI2 is dedicated to Ethernet PHY management)
    ️· Four TDM interfaces

    4. Security Engine

    ️· Algorithms Supported: Designed for IPSec, IEEE 802.11i, and iSCSI.
    ️· Components: Crypto-channel, controller, and crypto execution units (EUs).
    ️· Execution Units: DES/3DES (DEU), AES (AESU), MD5/SHA1/SHA-256/HMAC (MDEU).

    5. Memory and PCI

    ️· DDR Memory Controller:
    - Supports DDR1/DDR2 SDRAM.
    - Data rate up to 266 MHz.
    - Single 32-bit interface.
    ️· PCI Controller:
    - PCI Specification Revision 2.3 compatible.
    - 32-bit data interface up to 66 MHz.
    - Supports host and agent modes.

    6. Electrical Characteristics (Highlights)

    ️· Absolute Maximum Ratings: Defines stress ratings; operation beyond these limits is not guaranteed. Includes voltage limits for various I/O and core signals. Temperature ranges are also specified.
    ️· Caution Notes: Specify limits for input voltages to prevent damage.

    Key Takeaway: The MPC8323E is a powerful processor with a highly integrated communications core, making it suitable for a wide range of networking and communications applications.

    Part No.MPC8323E_10
    ManufacturerFREESCALE
    Size1Mb
    Pages82 pages
    DescriptionPowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications