전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8323E 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc

부품명 MPC8323E
상세설명  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323E 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8323E_10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8323E_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
3
Overview
NOTE
The QUICC Engine block can also support a UTOPIA level 2 capable of
supporting 31 multi-PHY (MPC8323E- and MPC8323-specific).
The MPC8323E security engine (SEC 2.2) allows CPU-intensive cryptographic operations to be offloaded
from the main CPU core. The security-processing accelerator provides hardware acceleration for the DES,
3DES, AES, SHA-1, and MD-5 algorithms.
In summary, the MPC8323E family provides users with a highly integrated, fully programmable
communications processor. This helps ensure that a low-cost system solution can be quickly developed
and offers flexibility to accommodate new standards and evolving system requirements.
1.1
MPC8323E Features
Major features of the MPC8323E are as follows:
High-performance, low-power, and cost-effective single-chip data-plane/control-plane solution for
ATM or IP/Ethernet packet processing (or both).
MPC8323E QUICC Engine block offers a future-proof solution for next generation designs by
supporting programmable protocol termination and network interface termination to meet evolving
protocol standards.
Single platform architecture supports the convergence of IP packet networks and ATM networks.
DDR1/DDR2 memory controller—one 32-bit interface at up to 266 MHz supporting both DDR1
and DDR2.
An e300c2 core built on Power Architecture technology with 16-Kbyte instruction and data caches,
and dual integer units.
Peripheral interfaces such as 32-bit PCI (2.2) interface up to 66-MHz operation, 16-bit local bus
interface up to 66-MHz operation, and USB 2.0 (full-/low-speed).
Security engine provides acceleration for control and data plane security protocols.
High degree of software compatibility with previous-generation PowerQUICC processor-based
designs for backward compatibility and easier software migration.
1.1.1
Protocols
The protocols are as follows:
ATM SAR up to 155 Mbps (OC-3) full duplex, with ATM traffic shaping (ATF TM4.1)
Support for ATM AAL1 structured and unstructured circuit emulation service (CES 2.0)
Support for IMA and ATM transmission convergence sub-layer
ATM OAM handling features compatible with ITU-T I.610
IP termination support for IPv4 and IPv6 packets including TOS, TTL, and header checksum
processing
Extensive support for ATM statistics and Ethernet RMON/MIB statistics
Support for 64 channels of HDLC/transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com