전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931UTST6 데이터시트(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931UTST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931UTST6 데이터시트(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931UTST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
2. Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maxim rating conditions for extended periods may affect device
reliability.DIOO does not Recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
-0.3 to 36
V
VEN
EN voltage
VIN + 0.3
V
VFB
FB voltage
6
V
VBS
BS voltage
VSW + 6
V
VSW
SW voltage
<20 ns
-5 to 32
V
>20 ns
-0.3 to 30
V
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature
260
°C
3. Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Parameter
Rating
Unit
VIN
Supply voltage
4.5 to 30
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic charge might be
drained through sensitive circuitry in the device. If the electrostatic discharge possesses sufficient energy, damage might occur to
the device due to localized overheating.
Model
Condition
Value
Unit
Human-body model
ANSI/ESDA/JEDEC JS-001
±2
kV
Charged-device model
ANSI/ESDA/JEDEC JS-002
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com