전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931UTST6 데이터시트(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931UTST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931UTST6 데이터시트(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931UTST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
II
Ordering Information
Ordering Part No. Top Marking
MSL
RoHS
TA
Package
DIO6931UTST6
CUYW
3
Green
-40 to 85 °C
TSOT23-6
Tape & Reel, 3000
If you encounter any issue in the process of using the device, please contact our customer
service at marketing@dioo.com or phone us at (+86)-21-62116882. If you have any
improvement suggestions regarding the datasheet, we encourage you to contact our technical
writing team at docs@dioo.com. Your feedback is invaluable for us to provide a better user
experience.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com