전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6931UTST6 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6931UTST6
상세설명  High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6931UTST6 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6931UTST6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6931UTST6 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DIO6931U
Version 1.0, Nov 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
1
1. Pin Assignment and Functions
Figure 1. TSOT23-6 (Top view)
Name
Description
GND
Power ground.
SW
Inductor pin. Connect this pin to the switching node of inductor.
VIN
Power input.
FB
Output feedback pin. Connect this pin to the center point of the output resistor divider
(as shown in Typical Application) to program the output voltage:
VOUT = 0.6 × (1 + R1 / R2). Add optional C2 (10 pF ~ 47 pF) to speed up the transient response.
EN
Enable control. Pull high to turn on. Do not float.
BS
Bootstrap. Connect a capacitor and a resistor between SW and BS pins to form a floating supply
across the high-side switch driver. Recommend to use 0.1 μF BS capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com