전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LWQ38G 데이터시트(PDF) 6 Page - OSRAM GmbH

부품명 LWQ38G
상세설명  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38G 데이터시트(HTML) 6 Page - OSRAM GmbH

Back Button LWQ38G Datasheet HTML 2Page - OSRAM GmbH LWQ38G Datasheet HTML 3Page - OSRAM GmbH LWQ38G Datasheet HTML 4Page - OSRAM GmbH LWQ38G Datasheet HTML 5Page - OSRAM GmbH LWQ38G Datasheet HTML 6Page - OSRAM GmbH LWQ38G Datasheet HTML 7Page - OSRAM GmbH LWQ38G Datasheet HTML 8Page - OSRAM GmbH LWQ38G Datasheet HTML 9Page - OSRAM GmbH LWQ38G Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
2015-09-01
6
Version 1.3
LW Q38G
Color Chromaticity Groups 3) page 21
Farbortgruppen 3) Seite 21
Chromaticity Coordinate Groups 3) page 21
Farbortgruppen 3) Seite 21
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
3K
0.2660
0.2320
6K
0.3100
0.2970
5L
0.2850
0.2790
0.2730
0.2270
0.3130
0.2840
0.2910
0.2680
0.2800
0.2520
0.3300
0.3100
0.3070
0.3120
0.2860
0.2440
0.3300
0.3300
0.3100
0.2970
4K
0.2800
0.2520
3L
0.2580
0.2390
6L
0.3070
0.3120
0.2860
0.2440
0.2660
0.2320
0.3100
0.2970
0.2910
0.2680
0.2730
0.2610
0.3300
0.3300
0.2960
0.2590
0.2800
0.2520
0.3300
0.3470
5K
0.2910
0.2680
4L
0.2730
0.2610
0.2960
0.2590
0.2800
0.2520
0.3100
0.2970
0.2850
0.2790
0.3130
0.2840
0.2910
0.2680
OHA12327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.20
+
E
Cy
Cx
Cx
Cy
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.21
0.23
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
3K
4K
5K
6K
3L
4L
5L
6L
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com