전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LWQ38G 데이터시트(PDF) 2 Page - OSRAM GmbH

부품명 LWQ38G
상세설명  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38G 데이터시트(HTML) 2 Page - OSRAM GmbH

  LWQ38G Datasheet HTML 1Page - OSRAM GmbH LWQ38G Datasheet HTML 2Page - OSRAM GmbH LWQ38G Datasheet HTML 3Page - OSRAM GmbH LWQ38G Datasheet HTML 4Page - OSRAM GmbH LWQ38G Datasheet HTML 5Page - OSRAM GmbH LWQ38G Datasheet HTML 6Page - OSRAM GmbH LWQ38G Datasheet HTML 7Page - OSRAM GmbH LWQ38G Datasheet HTML 8Page - OSRAM GmbH LWQ38G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2015-09-01
2
Version 1.3
LW Q38G
Ordering Information
Bestellinformation
Type:
Luminous Intensity 1) page 21
Ordering Code
Typ:
Lichtstärke 1) Seite 21
Bestellnummer
I
F = 5 mA
Iv [mcd]
LW Q38G-Q1OO-3K6L-1
≥ 71
Q65110A7209
LW Q38G-Q2OO-3K5L-1
≥ 90
Q65110A7584
Note: Only one group will be shipped on each packing unit.
Anm.: Es wird nur eine Gruppe pro Verpackungseinheit geliefert.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com