전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LWQ38G 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LWQ38G
상세설명  Backlighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38G 데이터시트(HTML) 1 Page - OSRAM GmbH

  LWQ38G Datasheet HTML 1Page - OSRAM GmbH LWQ38G Datasheet HTML 2Page - OSRAM GmbH LWQ38G Datasheet HTML 3Page - OSRAM GmbH LWQ38G Datasheet HTML 4Page - OSRAM GmbH LWQ38G Datasheet HTML 5Page - OSRAM GmbH LWQ38G Datasheet HTML 6Page - OSRAM GmbH LWQ38G Datasheet HTML 7Page - OSRAM GmbH LWQ38G Datasheet HTML 8Page - OSRAM GmbH LWQ38G Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-09-01
1
2015-09-01
CHIPLED 0603
Datasheet
Version 1.3
LW Q38G
Features:
Besondere Merkmale:
•
Package: SMT package 0603, colored diffused
resin
•
Gehäusetyp: SMT Gehäuse 0603, farbiger
diffuser Verguss
•
Viewing angle at 50 % I
V: 150° (horizontal); 130°
(vertical)
•
Abstrahlwinkel bei 50 % I
V: 150° (horizontal);
130° (vertical)
•
Color: Cx = 0.30, Cy = 0.28 acc. to CIE 1931
(white); CTR = 8200 K
•
Farbe: Cx = 0.30, Cy = 0.28 nach CIE 1931 (weiß);
CTR = 8200 K
•
Optical efficiency (typ.): 36 lm/W (white)
•
Optischer Wirkungsgrad (typ.): 36 lm/W (weiß)
•
ESD - withstand voltage: up to 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM)
•
ESD - Festigkeit: bis 2 kV nach
ANSI/ESDA/JEDEC JS-001 (HBM)
Applications
Anwendungen
•
Backlighting
•
Hinterleuchtung
•
Toys
•
Spielsachen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Pushbuttons and Switches
•
Schalter und Taster


유사한 부품 번호 - LWQ38G

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LWQ38G-Q1OO-3K6L-1 OSRAM-LWQ38G-Q1OO-3K6L-1 Datasheet
562Kb / 22P
SMT package 0603
LWQ38G-Q2OO-3K5L-1 OSRAM-LWQ38G-Q2OO-3K5L-1 Datasheet
562Kb / 22P
SMT package 0603
More results

유사한 설명 - LWQ38G

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
KWDNLS31.RA OSRAM-KWDNLS31.RA Datasheet
738Kb / 24P
Backlighting
LOE67F OSRAM-LOE67F Datasheet
445Kb / 20P
Backlighting
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
LWY1SG OSRAM-LWY1SG_14 Datasheet
551Kb / 22P
Backlighting
LTW5SM OSRAM-LTW5SM Datasheet
633Kb / 21P
Backlighting
LBQH9G OSRAM-LBQH9G Datasheet
741Kb / 21P
Backlighting
LTPWSG OSRAM-LTPWSG Datasheet
759Kb / 22P
Backlighting
LAT67D OSRAM-LAT67D Datasheet
757Kb / 20P
Backlighting
LBE6SG OSRAM-LBE6SG Datasheet
604Kb / 21P
Backlighting
LBE63C OSRAM-LBE63C_16 Datasheet
1Mb / 22P
Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com