| 전자부품 데이터시트 검색엔진 |
|
MSP432P411VIPZ 데이터시트(PDF) 159 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ 데이터시트(HTML) 159 Page - Texas Instruments |
|
159 / 212 page ![]() 159 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Not available on the 64-pin RGC package. (3) Setting the PSEL1.x and PSEL0.x bits to 10 disables both the output driver and input Schmitt trigger to prevent leakage when analog signals are applied. Table 6-68. Port P2 (P2.4 to P2.7) Pin Functions PIN NAME (P2.x) x FUNCTION CONTROL BITS OR SIGNALS (1) P2DIR.x P2SEL1.x P2SEL0.x P2MAPx P2.4/PM_TA0.1/L23 (2) 4 P2.4 (I/O) I: 0; O: 1 0 0 X TA0.CCI1A 0 0 1 default TA0.1 1 L23 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P2.5/PM_TA0.2/L22 (2) 5 P2.5 (I/O) I: 0; O: 1 0 0 X TA0.CCI2A 0 0 1 default TA0.2 1 L22 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P2.6/PM_TA0.3/L21 (2) 6 P2.6 (I/O) I: 0; O: 1 0 0 X TA0.CCI3A 0 0 1 default TA0.3 1 L21 (3) X 1 0 X N/A 0 1 1 X DVSS 1 P2.7/PM_TA0.4/L20 (2) 7 P2.7 (I/O) I: 0; O: 1 0 0 X TA0.CCI4A 0 0 1 default TA0.4 1 L20 (3) X 1 0 X N/A 0 1 1 X DVSS 1 |