전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AL5802 데이터시트(PDF) 8 Page - Diodes Incorporated

부품명 AL5802
상세설명  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 데이터시트(HTML) 8 Page - Diodes Incorporated

Back Button AL5802_14 Datasheet HTML 3Page - Diodes Incorporated AL5802_14 Datasheet HTML 4Page - Diodes Incorporated AL5802_14 Datasheet HTML 5Page - Diodes Incorporated AL5802_14 Datasheet HTML 6Page - Diodes Incorporated AL5802_14 Datasheet HTML 7Page - Diodes Incorporated AL5802_14 Datasheet HTML 8Page - Diodes Incorporated AL5802_14 Datasheet HTML 9Page - Diodes Incorporated AL5802_14 Datasheet HTML 10Page - Diodes Incorporated AL5802_14 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AL5802
Document number: DS35516 Rev. 9 - 2
8 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL5802
PWM dimming can be achieved by driving the EN pin. An external open-collector NPN transistor or open-drain N-channel MOSFET can be used
to drive the EN pin as shown in Figure 16. Dimming is achieved by turning the LEDs ON and OFF for a portion of a single cycle. The PWM
signal can be provided by a micro-controller or analog circuitry. Figure 17 is a typical response of LED current vs. PWM duty cycle on the EN pin.
-or-
Fig. 16 Application Circuits for LED Driver with PWM Dimming Functionality
Fig. 17 Typical LED current response vs. PWM duty cycle for
REXT = 13Ω at 400Hz PWM frequency
0
10
20
40
60
80
100
PWM DUTY CYCLE (%)
20
0
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com