| 전자부품 데이터시트 검색엔진 |
|
PC7447 데이터시트(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC7447 데이터시트(HTML) 40 Page - ATMEL Corporation |
|
40 / 66 page ![]() 40 PC7457/47 [Preliminary] 5345B–HIREL–02/04 Pinout Listings Table 16 provides the pinout listing for the PC7447, 360 CBGA package. Table 15 pro- vides the pinout listing for the PC7457, 483 CBGA package. Note: This pinout is not compatible with the PC750, PC7400, or PC7410 360 BGA package. Table 16. Pinout Listing for the PC7447, 360 CBGA Package Signal Name Pin Number Active I/O I/F Select(1) A[0:35](2) E11, H1, C11, G3, F10, L2, D11, D1, C10, G2, D12, L3, G4, T2, F4, V1, J4, R2, K5, W2, J2, K4, N4, J3, M5, P5, N3, T1, V2, U1, N5, W1, B12, C4, G10, B11 High I/O BVSEL AACK R1 Low Input BVSEL AP[0:4] C1, E3, H6, F5, G7 High I/O BVSEL ARTRY(3) N2 Low I/O BVSEL AV DD A8 – Input BVSEL BG M1 Low Input BVSEL BMODE0(4) G9 Low Input BVSEL BMODE1(5) F8 Low Input BVSEL BR D2 Low Output BVSEL BVSEL(1)(6) B7 High Input BVSEL CI(3) J1 Low Output BVSEL CKSTP_IN A3 Low Input BVSEL CKSTP_OUT B1 Low Output BVSEL CLK_OUT H2 High Output BVSEL D[0:63] R15, W15, T14, V16, W16, T15, U15, P14, V13, W13, T13, P13, U14, W14, R12, T12, W12, V12, N11, N10, R11, U11, W11, T11, R10, N9, P10, U10, R9, W10, U9, V9, W5, U6, T5, U5, W7, R6, P7, V6, P17, R19, V18, R18, V19, T19, U19, W19, U18, W17, W18, T16, T18, T17, W3, V17, U4, U8, U7, R7, P6, R8, W8, T8 High I/O BVSEL DBG M2 Low Input BVSEL DP[0:7] T3, W4, T4, W9, M6, V3, N8, W6 High I/O BVSEL DRDY(7) R3 Low Output BVSEL DTI[0:3](8) G1, K1, P1, N1 High Input BVSEL EXT_QUAL(9) A11 High Input BVSEL GBL E2 Low I/O BVSEL GND B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13, J6, J8, J10, J12, K7, K3, K9, K11, K13, L6, L8, L10, L12, M4, M7, M9, M11, M13, N7, P3, P9, P12, R5, R14, R17, T7, T10, U3, U13, U17, V5, V8, V11, V15 –– N/A HIT(7) B2 Low Output BVSEL HRESET D8 Low Input BVSEL INT D4 Low Input BVSEL L1_TSTCLK(9) G8 High Input BVSEL L2_TSTCLK(10) B3 High Input BVSEL |