전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMV2000 데이터시트(PDF) 33 Page - ams AG

부품명 CMV2000
상세설명  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 데이터시트(HTML) 33 Page - ams AG

Back Button CMV2000 Datasheet HTML 29Page - ams AG CMV2000 Datasheet HTML 30Page - ams AG CMV2000 Datasheet HTML 31Page - ams AG CMV2000 Datasheet HTML 32Page - ams AG CMV2000 Datasheet HTML 33Page - ams AG CMV2000 Datasheet HTML 34Page - ams AG CMV2000 Datasheet HTML 35Page - ams AG CMV2000 Datasheet HTML 36Page - ams AG CMV2000 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 32 of 63
© 2015 CMOSIS bvba
5.2.2.2 PIECEWISE LINEAR RESPONSE WITH EXTERNAL EXPOSURE MODE
When external exposure time is used and a piecewise linear response is desired, the following registers should be
programmed.
HDR settings – multiple slope
Register name
Register address
Default value
Description of the value
Nr_slopes
54[1:0]
1
Defines the number of slopes (min=1, max=3).
Vlow3
90[6:0]
96
Defines the Vlow3 voltage (DAC setting).
Vlow2
89[6:0]
96
Defines the Vlow2 voltage (DAC setting).
The timing that needs to be applied in this external exposure mode looks like the one below.
FRAME_REQ
T_EXP1
Total exposure time
Exposure kp2
Exposure kp1
FIGURE 37: PIECEWISE LINEAR RESPONSE WITH EXTERNAL EXPOSURE TIME MODE
Please note, that a combination of the piecewise linear response and interleaved read-out is not possible.
5.2.3 MULTI-FRAME READ-OUT
The sensor has the possibility to read-out multiple frames with increasing exposure time for each frame. The exposure
time step and number of frames can be programmed using the appropriate registers. The frames grabbed in this mode,
can be combined to create one high dynamic range image. This combination needs to be made by the receiving system.
The following registers should be used when this multi-frame read-out is selected. This mode only works with internal
exposure time setting.
HDR settings – multi-frame read-out
Register name
Register address
Default value
Description of the value
Exp_time
42[7:0]
43[7:0]
44[7:0]
1088
Defines the exposure time of the first frame in the
sequence. Formula:
129 ∗ ������������_������������(0.43 ∗ ������������_��������������������ℎ + ������������_����������������)
Where clk_per is the period of the master input clock.
Exp_step
45[7:0]
46[7:0]
47[7:0]
0
Defines the step size for the increasing exposure times in
multi-frame read-out. This value will be added to Exp_time
per frame. So the exposure time for the nth frame is:
129 ∗ ������������_������������(0.43 ∗ ������������_��������������������ℎ + ������������_���������������� +
(���� − 1) ∗ ������������_����������������)
Where clk_per is the period of the master input clock and
n is the nth frame.
Exp_seq
55[7:0]
1
Defines the number of frames to be read out in multi-
frame mode (min = 1, max = 255).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com