전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMV2000 데이터시트(PDF) 53 Page - ams AG

부품명 CMV2000
상세설명  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 데이터시트(HTML) 53 Page - ams AG

Back Button CMV2000 Datasheet HTML 49Page - ams AG CMV2000 Datasheet HTML 50Page - ams AG CMV2000 Datasheet HTML 51Page - ams AG CMV2000 Datasheet HTML 52Page - ams AG CMV2000 Datasheet HTML 53Page - ams AG CMV2000 Datasheet HTML 54Page - ams AG CMV2000 Datasheet HTML 55Page - ams AG CMV2000 Datasheet HTML 56Page - ams AG CMV2000 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 52 of 63
© 2015 CMOSIS bvba
9 SPECTRAL RESPONSE
9.1 5µM EPI DEVICES
The typical spectral response of a monochrome CMV2000 with microlenses can be found below.
FIGURE 53: TYPICAL SPECTRAL RESPONSE
9.2 12µM EPI DEVICES
A variation from the standard CMV2000 image sensors is processed on 12 µm epitaxial (E12) Si wafers. The thicker epi-
layer wafer starting material increases significantly the QE for wavelengths above 600 nm. Around 900 nm the QE is
about doubled and increases from 8% to 16%.
FIGURE 54: RESPONSE OF E12 DEVICES VS NORMAL DEVICES
0
10
20
30
40
50
60
70
400
500
600
700
800
900
1000
Wavelength [nm]
Spectral Response
0
10
20
30
40
50
60
70
400
500
600
700
800
900
1000
Wavelength [nm]
Spectral Response
normal device
E12 device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com