전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMV2000 데이터시트(PDF) 41 Page - ams AG

부품명 CMV2000
상세설명  2.2 Megapixel machine vision CMOS image sensor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

CMV2000 데이터시트(HTML) 41 Page - ams AG

Back Button CMV2000 Datasheet HTML 37Page - ams AG CMV2000 Datasheet HTML 38Page - ams AG CMV2000 Datasheet HTML 39Page - ams AG CMV2000 Datasheet HTML 40Page - ams AG CMV2000 Datasheet HTML 41Page - ams AG CMV2000 Datasheet HTML 42Page - ams AG CMV2000 Datasheet HTML 43Page - ams AG CMV2000 Datasheet HTML 44Page - ams AG CMV2000 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Reference: CMV2000-datasheet-v3.8
CMV2000 v3 Datasheet
Page 40 of 63
© 2015 CMOSIS bvba
5.12.2 GAIN
An analog gain and ADC gain can be applied to the output signal. The analog gain is applied by a PGA in every column.
The digital gain is applied by the ADC.
Gain
Register name
Register address
Default value
Description of the value
PGA_gain
102[1:0]
121[0]
0
102[1:0]
0: x1 gain
1: x1.2 gain
2: x1.4 gain
3: x1.6 gain
121[0]
0: gain is defined in 102[1:0]
1: gain in 102[1:0] is amplified by 2
ADC_gain
103[7:0]
32
Defines the slope of the ADC ramp, a higher value
equals more gain.
The ADC gain is dependent on the master clock. A slower clock signal means a higher ADC_gain register value for an
actual ADC gain of 1x. Also at higher register values, the actual ADC gain will increase in bigger steps. So fine-tuning the
ADC gain is easier at lower register values. Below you can find a typical graph regarding these settings.
FIGURE 43: ACTUAL ADC GAIN VS. ADC REGISTER VALUE [103]
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
ADC Register Value
48MHz
40MHz
30Mhz
25MHz
20MHz
10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com