전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5631 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 2SC5631
상세설명  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5631 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  2SC5631 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5631
5
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 6 / div.
0
30
60
90
120
150
180
−150
−90
−60
−30
−120
Scale: 0.1 / div.
0
30
60
90
120
150
180
−150
−90
−60
−30
−120
10
5
4
3
2
1.5
1
.8
−2
−3
−4
−5
−10
.6
.4
.2
0
−.2
−.4
−.6
−.8
−1
−1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Condition :
100 to 2000 MHz (100 MHz step)
C
CE
V
= 3 V , I
= 50 mA
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
Condition :
100 to 2000 MHz (100 MHz step)
S11 Parameter vs. Frequency
S21 Paramter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
CE
V
= 3 V , I
= 50 mA
CE
V
= 3 V , I
= 50 mA
CE
V
= 3 V , I
= 50 mA
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com