전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5631 데이터시트(PDF) 7 Page - Hitachi Semiconductor

부품명 2SC5631
상세설명  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5631 데이터시트(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC5631 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5631
7
Sparameter ( V
CE = 3V, IC = 50 mA, Zo = 50 Ω )
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.234
–135.7
26.57
109.9
0.0299
75.5
0.353
–77.7
200
0.233
–165.2
13.47
96.1
0.0575
78.0
0.199
–99.6
300
0.234
179.3
8.92
89.7
0.0863
77.8
0.153
–112.5
400
0.238
170.1
6.70
84.9
0.114
76.9
0.135
–121.8
500
0.242
161.2
5.37
81.2
0.142
75.4
0.127
–128.3
600
0.249
153.9
4.52
77.8
0.169
73.9
0.124
–133.5
700
0.250
145.9
3.89
74.5
0.196
72.2
0.125
–138.0
800
0.259
140.4
3.43
71.4
0.223
70.4
0.126
–141.3
900
0.267
134.2
3.08
68.6
0.249
68.4
0.128
–145.0
1000
0.274
128.0
2.80
65.8
0.275
66.9
0.131
–147.7
1100
0.282
123.5
2.58
63.2
0.299
65.0
0.136
–150.3
1200
0.290
119.2
2.40
60.3
0.323
63.2
0.140
–153.0
1300
0.297
114.2
2.25
57.9
0.346
61.3
0.144
–155.6
1400
0.307
109.6
2.12
55.9
0.367
59.7
0.149
–158.1
1500
0.318
105.3
2.01
53.4
0.389
57.8
0.153
–160.5
1600
0.324
101.7
1.92
51.3
0.409
56.2
0.159
–162.7
1700
0.334
97.7
1.83
48.6
0.430
54.4
0.163
–165.1
1800
0.345
93.9
1.77
46.8
0.448
52.8
0.170
–167.9
1900
0.357
91.6
1.72
44.6
0.468
50.9
0.174
–170.2
2000
0.366
87.9
1.65
42.6
0.485
49.5
0.180
–172.6



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com