전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5631 데이터시트(PDF) 1 Page - Hitachi Semiconductor

부품명 2SC5631
상세설명  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5631 데이터시트(HTML) 1 Page - Hitachi Semiconductor

  2SC5631 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2SC5631
Silicon NPN Epitaxial
UHF / VHF Wide Band Amplifier
ADE-208-981A (Z)
2nd. Edition
Mar. 2001
Features
• High gain bandwidth product
f
T = 11 GHz typ.
• High power gain and low noise figure ;
PG = 10 dB typ. , NF = 1.2 dB typ. at f = 900 MHz
Outline
1
2
3
4
UPAK
1. Base
2. Collector
3. Emitter
4. Collector
Note: Marking is “JR”.


유사한 부품 번호 - 2SC5631

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results

유사한 설명 - 2SC5631

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com