전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC5631 데이터시트(PDF) 8 Page - Hitachi Semiconductor

부품명 2SC5631
상세설명  Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5631 데이터시트(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC5631 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5631 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5631
8
Sparameter ( V
CE = 5V, IC = 50 mA, Zo = 50 Ω )
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.205
–123.9
28.04
110.8
0.0284
74.9
0.360
–69.1
200
0.193
–159.6
14.24
96.9
0.0547
78.2
0.197
–84.5
300
0.190
–177.1
9.44
90.2
0.0820
78.3
0.145
–92.5
400
0.193
169.9
7.09
85.3
0.109
77.5
0.123
–99.0
500
0.201
162.0
5.68
81.8
0.135
76.3
0.112
–104.1
600
0.206
153.7
4.76
78.4
0.162
74.6
0.107
–109.5
700
0.206
145.4
4.11
75.1
0.188
72.9
0.105
–113.7
800
0.221
139.0
3.62
72.2
0.213
71.3
0.105
–117.6
900
0.224
132.6
3.25
69.4
0.238
69.4
0.106
–121.8
1000
0.234
126.8
2.94
66.6
0.262
67.8
0.110
–125.4
1100
0.243
120.8
2.72
64.0
0.286
66.0
0.113
–128.7
1200
0.249
116.8
2.53
61.3
0.309
64.3
0.117
–132.0
1300
0.261
111.3
2.36
59.0
0.331
62.5
0.120
–135.5
1400
0.270
107.4
2.23
56.9
0.353
60.9
0.125
–138.7
1500
0.280
103.5
2.10
54.5
0.373
59.1
0.129
–142.0
1600
0.285
99.1
2.01
52.1
0.393
57.6
0.135
–144.9
1700
0.298
95.4
1.92
50.3
0.414
56.0
0.139
–148.1
1800
0.312
91.8
1.84
47.6
0.431
54.3
0.145
–151.3
1900
0.321
87.9
1.79
45.7
0.450
52.5
0.148
–154.5
2000
0.330
85.6
1.71
43.8
0.467
51.4
0.155
–157.5



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com