전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6058596 데이터시트(PDF) 2 Page - SICK AG

부품명 6058596
상세설명  FORK SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

6058596 데이터시트(HTML) 2 Page - SICK AG

  6058596 Datasheet HTML 1Page - SICK AG 6058596 Datasheet HTML 2Page - SICK AG 6058596 Datasheet HTML 3Page - SICK AG 6058596 Datasheet HTML 4Page - SICK AG 6058596 Datasheet HTML 5Page - SICK AG 6058596 Datasheet HTML 6Page - SICK AG 6058596 Datasheet HTML 7Page - SICK AG 6058596 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WF15-40B41CA00 | WF
FORK SENSORS
Illustration may differ
Ordering information
Type
Part no.
WF15-40B41CA00
6058596
Other models and accessories
www.sick.com/WF
Detailed technical data
Features
Functional principle
Optical detection principle
Dimensions (W x H x D)
10 mm x 45 mm x 57 mm
Housing design (light emission)
Fork shaped
Fork width
15 mm
Fork depth
42 mm
Minimum detectable object (MDO)
0.2 mm
Label detection
Light source
LED, Infrared light
Adjustment
Teach-in button (Teach-in, sensitivity, light/dark switching, key lock)
Cable (dynamic Teach-in)
Teach-in mode
1-point teach-in
2-point teach-in
Dynamic Teach-in
Output function
Light/darkswitching, selectable via button
Interfaces
IO-Link functions
Standard
Advanced functions
— 1)
Fieldbus, industrial network
IO-Link
Type of fieldbus integration
Integrated in the device
1) On request also availible with advanced funktions A70 or A71.
2
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com