전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6058596 데이터시트(PDF) 6 Page - SICK AG

부품명 6058596
상세설명  FORK SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

6058596 데이터시트(HTML) 6 Page - SICK AG

  6058596 Datasheet HTML 1Page - SICK AG 6058596 Datasheet HTML 2Page - SICK AG 6058596 Datasheet HTML 3Page - SICK AG 6058596 Datasheet HTML 4Page - SICK AG 6058596 Datasheet HTML 5Page - SICK AG 6058596 Datasheet HTML 6Page - SICK AG 6058596 Datasheet HTML 7Page - SICK AG 6058596 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WF15-40B41CA00 | WF
FORK SENSORS
Concept of operation
Teach-in via Teach-in button (WFxx-B41Cxx)
Press the teach-in button for 3 - 20 s. With the
pushbutton pressed down, move several objects
with carrier material (label objects to be detected)
through the sensor. The yellow LED flashes at 3 Hz
during the teach-in procedure. Recommendation:
Move at least 3 objects through the sensor.
Release the teach-in button for < 20 s. If teach-in is
suc-cessful, the function indicator (yellow LED)
directly indicates the output state of the sensor.
The switching threshold is now optimally set
between background and object. The best possible
operational safety is provided.
2. End teach-in:
1. Start teach-in: Position the background
or object between the fork
Note
Light/dark switching
Fine adjustment
In order to obtain a higher operating reserve, a fine adjustment can be carried out after successful teach-in.
For this purpose, the switching threshold is set close to the taught-in object. The teach-in button must be
pressed and released within 10 s of successful teach-in. Successful setting is signaled by flashing twice at 1 Hz.
Pushbutton lock
The device can be locked against unintended operation by pressing the teach-in button for > 30 s.
The device can be unlocked by pressing the teach-in button again for > 30 s.
You can change between light switching and dark switching by pressing
the teach-in button for 20 - 30 s.
Recommended accessories
Other models and accessories
www.sick.com/WF
Brief description
Type
Part no.
Modules and gateways
EtherCAT IO-Link Master, IO-Link V1.1, Port Class A, power supply via 7/8'' cable 24 V /
8 A, fieldbus connection via M12 cable
IOLG2EC-03208R01
(IO-Link Master)
6053254
PROFINET IO-Link Master, IO-Link V1.1, Port Class A, power supply via 7/8'' cable 24 V /
8 A, fieldbus connection via M12 cable
IOLG2PN-03208R01
(IO-Link Master)
6053253
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U14-020VA3XLEAX
2095888
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U14-050VA3XLEAX
2095889
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YF8U14-100VA3XLEAX
2095890
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com