전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6058596 데이터시트(PDF) 4 Page - SICK AG

부품명 6058596
상세설명  FORK SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

6058596 데이터시트(HTML) 4 Page - SICK AG

  6058596 Datasheet HTML 1Page - SICK AG 6058596 Datasheet HTML 2Page - SICK AG 6058596 Datasheet HTML 3Page - SICK AG 6058596 Datasheet HTML 4Page - SICK AG 6058596 Datasheet HTML 5Page - SICK AG 6058596 Datasheet HTML 6Page - SICK AG 6058596 Datasheet HTML 7Page - SICK AG 6058596 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WF15-40B41CA00 | WF
FORK SENSORS
ECl@ss 7.0
27270909
ECl@ss 8.0
27270909
ECl@ss 8.1
27270909
ECl@ss 9.0
27270909
ETIM 5.0
EC002720
ETIM 6.0
EC002720
UNSPSC 16.0901
39121528
Communication interface
Communication interface
IO-Link V1.1
Communication Interface detail
COM2 (38,4 kBaud)
Cycle time
2.3 ms
Process data length
16 Bit
Process data structure A
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 2 = not used
Bit 3 = Teach busy
Bit 4 ... 15 = empty
Process data structure B
Bit 0 = switching signal QL1
Bit 1 = Quality of Run Alarm
Bit 2 = not used
Bit 3 = Teach busy
Bit 4 ... 15 = empty
Process data structure C
Bit 0 = switching signal QL1
Bit 1 = switching signal QL2
Bit 2 = not used
Bit 3 = Teach busy
Bit 4 ... 5 = empty
Bit 6 ... 15 = measuring value
Process data structure D
Bit 0 = switching signal QL1
Bit 1 = Quality of Run Alarm
Bit 2 = not used
Bit 3 = Teach busy
Bit 4 ... 5 = empty
Bit 6 ... 15 = measuring value
Dimensional drawing (Dimensions in mm (inch))
10
(0.39)
5 (0.20)
3 (0.12)
9 (0.35)
7
(0.28)
4.2 (0.17)
5
(0.20)
19.8
(0.78)
B
1
2
3
2
Dimensions in mm (inch)
A
B
C
C1
Gabelweite/Fork width
Gabeltiefe/Fork depth
WF2
2 (0.08)
42/59/95 (1.65/2.32/3.74)
14 (0.55)
5 (0.20)
WF5
5 (0.20)
42/59/95 (1.65/2.32/3.74)
14 (0.55)
6.5 (0.26)
WF15
15 (0.59)
42/59/95 (1.65/2.32/3.74)
27 (1.06)
5 (0.20)
WF30
30 (1.18)
42/59/95 (1.65/2.32/3.74)
42 (1.65)
5 (0.20)
WF50
50 (1.97)
42/59/95 (1.65/2.32/3.74)
51 (2.01)
16 (0.63)
WF80
80 (3.15)
42/59/95 (1.65/2.32/3.74)
81 (3.19)
16 (0.63)
WF120
120 (4.72)
42/59/95 (1.65/2.32/3.74)
121 (4.76)
16 (0.63)
D
6 (0.24)
4.5 (0.17)
6 (0.24)
6 (0.24)
6 (0.24)
6 (0.24)
6 (0.24)
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com