전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6058596 데이터시트(PDF) 3 Page - SICK AG

부품명 6058596
상세설명  FORK SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

6058596 데이터시트(HTML) 3 Page - SICK AG

  6058596 Datasheet HTML 1Page - SICK AG 6058596 Datasheet HTML 2Page - SICK AG 6058596 Datasheet HTML 3Page - SICK AG 6058596 Datasheet HTML 4Page - SICK AG 6058596 Datasheet HTML 5Page - SICK AG 6058596 Datasheet HTML 6Page - SICK AG 6058596 Datasheet HTML 7Page - SICK AG 6058596 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WF15-40B41CA00 | WF
FORK SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 10 % 2)
Power consumption
20 mA 3)
Switching frequency
15 kHz 4)
Response time
46 µs 5)
Stability of response time
± 20 µs
Jitter
17 µs
Switching output
PUSH/PULL
Switching output (voltage)
Push/Pull: High = VS - < 2 V / Low: ≤ 2 V
Switching output
Light/dark switching
Output current Imax.
100 mA
Input, teach-in (ET)
Teach: U > 5 V ... < UV
Run: U < 4 V
Initialization time
40 ms
Connection type
Male connector M8, 4-pin
Ambient light immunity
Sunlight: ≤ 10,000 lx
Protection class
III 6)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP65
Weight
Approx. 36 g ... 160 g 7)
Housing material
Aluminum
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Signal transit time with resistive load.
6) Reference voltage DC 50 V.
7) Depending on fork width.
Ambient data
Ambient operating temperature
–20 °C ... +60 °C 1)
Ambient storage temperature
–30 °C ... +80 °C
Shock load
According to EN 60068-2-27
UL File No.
NRKH.E191603
1) Do not bend below 0 °C.
Classifications
ECl@ss 5.0
27270909
ECl@ss 5.1.4
27270909
ECl@ss 6.0
27270909
ECl@ss 6.2
27270909
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com