전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G34DBVR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2G34DBVR
상세설명  Dual Buffer Gate
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34DBVR 데이터시트(HTML) 3 Page - Texas Instruments

  SN74LVC2G34DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
1A
2A
1Y
2Y
GND
1
4
2
3
6
5
VCC
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
3
2
4
6
1
1A
1Y
2Y
GND
2A
VCC
5
SN74LVC2G34
www.ti.com
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DBV Package
DCK Package
6-Pin SOT-23
6-Pin SC70
Top View
Top View
YZP Package
6-Pin DSBGA
Bottom View
DRL Package
6-Pin SOT
Top View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
NO.
1A
1
I
Buffer Input 1
1Y
6
O
Buffer Output 1
2A
3
I
Buffer Input 2
2Y
4
O
Buffer Output 2
GND
2
—
Ground pin
VCC
5
—
Power pin
(1)
See mechanical drawings for dimensions.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
6.5
V
VI
Input voltage(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC2G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com