전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G34DBVR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2G34DBVR
상세설명  Dual Buffer Gate
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34DBVR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74LVC2G34
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC2G34 device contains two buffer gates that each perform the Boolean function Y = A. This device
is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing
damaging current backflow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LVC2G34 device has a wider operating voltage range, operating from 1.65 V to 5.5 V, and allows
down voltage translation. The SN74LVC2G34 Ioff feature allows voltages on the inputs and outputs when VCC is
0 V.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G34.
Table 1. Function Table
INPUT
OUTPUT
A
Y
H
H
L
L
8
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com