전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G34DBVR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2G34DBVR
상세설명  Dual Buffer Gate
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34DBVR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
SN74LVC2G34
SN74LVC2G34
Buffer Function
Basic LED Driver
VCC
VCC
Microcontroller or
Logic
Microcontroller or
Logic
Microcontroller or
Logic
SN74LVC2G34
www.ti.com
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
9 Application and Implementation
9.1 Application Information
The SN74LVC2G34 is a high-drive CMOS device that can be used as a buffer with a high output drive, such as
an LED application. It can produce 24 mA of drive current at 3.3 V, making it ideal for driving multiple outputs
and good for high-speed applications up to 100 MHz. The inputs are 5.5-V tolerant allowing it to translate down
to VCC.
9.2 Typical Application
Figure 3. Typical Application
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads
so routing and load conditions must be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
Rise time and fall time specs. See (
Δt/ΔV) in the Recommended Operating Conditions table.
–
Specified high and low levels. See (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended Operating
Conditions table at any valid VCC.
2. Recommended Output Conditions
–
Load currents must not exceed (IO max) per output and must not exceed (Continuous current through VCC
or GND) total current for the part. These limits are located in the Recommended Operating Conditions
table.
–
Outputs much not be pulled above VCC under normal operating conditions.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com