전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2G34DBVR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74LVC2G34DBVR
상세설명  Dual Buffer Gate
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34DBVR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74LVC2G34DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1A
1Y
1
6
2A
2Y
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G34
SCES359J – AUGUST 2001 – REVISED OCTOBER 2015
SN74LVC2G34 Dual Buffer Gate
1 Features
3 Description
The SN74LVC2G34 device is a dual buffer gate
1
•
Available in the Texas Instruments
designed for 1.65-V to 5.5-V VCC operation. The
NanoFree™ Package
SN74LVC2G34 device performs the Boolean function
•
Supports 5.5-V VCC Operation
Y = A in positive logic.
•
Inputs Accept Voltages to 5.5 V
NanoFree
package
technology
is
a
major
•
Maximum tpd of 4.1 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
•
Low Power Consumption, 10-µA Maximum ICC
as the package.
•
±24-mA Output Drive at 3.3 V
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
•
Typical VOLP (Output Ground Bounce)
outputs,
preventing
damaging
current
backflow
<0.8 V at VCC = 3.3 V, TA = 25°C
through the device when it is powered down.
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
•
Ioff Supports Live Insertion, Partial-Power-Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back-Drive Protection
SN74LVC2G34DBV
SOT-23 (6)
2.90 mm × 1.60 mm
•
Can Be Used as a Down Translator to Translate
SN74LVC2G34DCK SC70 (6)
2.00 mm × 1.25 mm
Inputs From a Maximum of 5.5 V Down to the VCC
SN74LVC2G34DRL
SOT (6)
1.60 mm × 1.20 mm
Level
SN74LVC2G34YZP
DSBGA (6)
1.41 mm × 0.91 mm
•
Latch-Up Performance Exceeds 100 mA Per
(1) For all available packages, see the orderable addendum at
JESD 78, Class II
the end of the data sheet.
•
ESD Protection Exceeds JESD 22
Simplified Schematic
–
2000-V Human Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
AV Receivers
•
Audio Docks: Portable
•
Blu-ray Player and Home Theaters
•
DVD Recorders and Players
•
Embedded PCs
•
MP3 Players and Recorders (Portable Audio)
•
Personal Digital Assistant (PDA)
•
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
•
Solid-State Drive (SSD): Client and Enterprise
•
TV: LCD/Digital and High-Definition (HDTV)
•
Tablets: Enterprise
•
Video Analytics: Servers
•
Wireless Headsets, Keyboards, and Mice
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - SN74LVC2G34DBVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74LVC2G34DBVR TI-SN74LVC2G34DBVR Datasheet
529Kb / 13P
DUAL BUFFER GATE
SN74LVC2G34DBVR TI-SN74LVC2G34DBVR Datasheet
748Kb / 16P
DUAL BUFFER GATE
logo
Guangdong Youtai Semico...
SN74LVC2G34DBVR UMW-SN74LVC2G34DBVR Datasheet
737Kb / 9P
SN74LVC2G34
logo
Texas Instruments
SN74LVC2G34DBVR TI2-SN74LVC2G34DBVR Datasheet
939Kb / 28P
SN74LVC2G34 Dual Buffer Gate
REVISED OCTOBER 2015
logo
TECH PUBLIC Electronics...
SN74LVC2G34DBVR-TP TECHPUBLIC-SN74LVC2G34DBVR-TP Datasheet
2Mb / 5P
DUAL BUFFER GATE
More results

유사한 설명 - SN74LVC2G34DBVR

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
DUAL BUFFER GATE
2004 Sep 10
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
DUAL BUFFER GATE
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
Dual buffer gate
Rev. 5-2 September 2010
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
538Kb / 12P
DUAL BUFFER GATE
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
Dual buffer gate
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
Dual buffer gate
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
Dual buffer gate
Rev. 12 - 20 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com