전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX187 데이터시트(PDF) 16 Page - Texas Instruments

부품명 OPAX187
상세설명  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 데이터시트(HTML) 16 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 12Page - Texas Instruments OPAX187 Datasheet HTML 13Page - Texas Instruments OPAX187 Datasheet HTML 14Page - Texas Instruments OPAX187 Datasheet HTML 15Page - Texas Instruments OPAX187 Datasheet HTML 16Page - Texas Instruments OPAX187 Datasheet HTML 17Page - Texas Instruments OPAX187 Datasheet HTML 18Page - Texas Instruments OPAX187 Datasheet HTML 19Page - Texas Instruments OPAX187 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
V+
V-
Copyright © 2016, Texas Instruments Incorporated
16
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPAx187 operational amplifier combines precision offset and drift with excellent overall performance,
making the device ideal for many precision applications. The precision offset drift of only 0.001 µV/°C provides
stability over the entire temperature range. In addition, this device offers excellent overall performance with high
CMRR, PSRR, and AOL. As with all amplifiers, applications with noisy or high-impedance power supplies require
decoupling capacitors close to the device pins. In most cases, 0.1-µF capacitors are adequate.
The OPAx187 device is part of a family of zero-drift, low-power, rail-to-rail output operational amplifiers. These
devices operate from 4.5 V to 36 V, are unity-gain stable, and are suitable for a wide range of general-purpose
applications. The zero-drift architecture provides ultra-low input offset voltage and near-zero input offset voltage
drift over temperature and time. This choice of architecture also offers outstanding ac performance, such as ultra-
low broadband noise and zero flicker noise.
7.2 Functional Block Diagram
Figure 36 shows a representation of the proprietary OPAx187 architecture. Functional blocks CHOP1 and
CHOP2 operate such that the non-idealities of GM1 are cancelled while the input signal is left in-phase. The
integrated notch filter of the OPAx187 family suppresses most of the auto-zero amplifier carrier.
Figure 36. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com