전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX187 데이터시트(PDF) 20 Page - Texas Instruments

부품명 OPAX187
상세설명  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 데이터시트(HTML) 20 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 16Page - Texas Instruments OPAX187 Datasheet HTML 17Page - Texas Instruments OPAX187 Datasheet HTML 18Page - Texas Instruments OPAX187 Datasheet HTML 19Page - Texas Instruments OPAX187 Datasheet HTML 20Page - Texas Instruments OPAX187 Datasheet HTML 21Page - Texas Instruments OPAX187 Datasheet HTML 22Page - Texas Instruments OPAX187 Datasheet HTML 23Page - Texas Instruments OPAX187 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Op Amp
Core
R
F
R
I
R
L
V
IN
(See
Note 1)
I
D
IN
OUT
+IN
ESD Current-
Steering Diodes
+V
S
V+
R
S
(See Note 3)
TVS
(See Note 2)
Edge-Triggered ESD
Absorption Circuit
V±
V
S
TVS
(See Note 2)
Copyright © 2016, Texas Instruments Incorporated
20
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Another common question involves what happens to the amplifier if an input signal is applied to the input while
the power supplies +VS or –VS are at 0 V. Again, this question depends on the supply characteristic while at 0 V,
or at a level below the input signal amplitude. If the supplies appear as high impedance, then the operational
amplifier supply current may be supplied by the input source via the current-steering diodes. This state is not a
normal bias condition; the amplifier most likely will not operate normally. If the supplies are low impedance, then
the current through the steering diodes can become quite high. The current level depends on the ability of the
input source to deliver current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, external TVS (Transient Voltage
Suppressor) diodes may be added to the supply pins, as shown in Figure 40. The TVS voltage must be selected
such that the diode does not turn on during normal operation. However, the TVS voltage should be low enough
so that the TVS diode conducts if the supply pin begins to rise above the safe operating supply voltage level.
NOTE 1: VIN = +VS + 500 mV.
NOTE 2: TVS: +VS(max) > VTVSBR (min) > +VS.
NOTE 3: Suggested value is approximately 1 kΩ.
Figure 40. Equivalent Internal ESD Circuitry Relative to a Typical Circuit Application
The OPAx187 input terminals are protected from excessive differential voltage with back-to-back diodes, as
shown in Figure 40. In most circuit applications, the input protection circuitry has no consequence. However, in
low-gain or G = 1 circuits, fast-ramping input signals can forward-bias these diodes because the output of the
amplifier cannot respond rapidly enough to the input ramp. If the input signal is fast enough to create this
forward-bias condition, the input signal current must be limited to 10 mA or less. If the input signal current is not
inherently limited, an input series resistor can be used to limit the signal input current. This input series resistor
degrades the low-noise performance of the OPAx187. Figure 40 shows an example configuration that
implements a current-limiting feedback resistor.
7.4 Device Functional Modes
The OPAx187 has a single functional mode and is operational when the power-supply voltage is greater than 4.5
V (±2.25 V). The maximum power supply voltage for the OPAx187 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com