전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX187 데이터시트(PDF) 18 Page - Texas Instruments

부품명 OPAX187
상세설명  0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

OPAX187 데이터시트(HTML) 18 Page - Texas Instruments

Back Button OPAX187 Datasheet HTML 14Page - Texas Instruments OPAX187 Datasheet HTML 15Page - Texas Instruments OPAX187 Datasheet HTML 16Page - Texas Instruments OPAX187 Datasheet HTML 17Page - Texas Instruments OPAX187 Datasheet HTML 18Page - Texas Instruments OPAX187 Datasheet HTML 19Page - Texas Instruments OPAX187 Datasheet HTML 20Page - Texas Instruments OPAX187 Datasheet HTML 21Page - Texas Instruments OPAX187 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
0
20
40
60
80
100
120
140
160
180
10M
100M
1000M
Frequency (Hz)
C004
18
OPA187, OPA2187, OPA4187
SBOS807B – DECEMBER 2016 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: OPA187 OPA2187 OPA4187
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 EMI Rejection
The OPAx187 device uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI
interference from sources such as wireless communications and densely-populated boards with a mix of analog
signal chain and digital components. EMI immunity can be improved with circuit design techniques; the OPAx187
benefits from these design improvements. Texas Instruments has developed the ability to accurately measure
and quantify the immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to
6 GHz. Figure 38 shows the results of this testing on the OPAx187. Table 2 lists the EMIRR IN+ values for the
OPAx187 at particular frequencies commonly encountered in real-world applications. Applications listed in
Table 2 may be centered on or operated near the particular frequency shown. Detailed information can also be
found in EMI Rejection Ratio of Operational Amplifiers, available for download from www.ti.com.
Figure 38. EMIRR Testing
Table 2. OPAx187 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION/ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency
(UHF) applications
81.8 dB
900 MHz
Global system for mobile communications (GSM) applications, radio
communication, navigation, GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF
applications
102.7 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band
(1 GHz to 2 GHz)
115.4 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications,
industrial, scientific and medical (ISM) radio band, amateur radio and satellite, S-
band (2 GHz to 4 GHz)
150.7 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
142.0 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication,
space and satellite operation, C-band (4 GHz to 8 GHz)
173.8 dB
7.3.6 Capacitive Load and Stability
The device dynamic characteristics are optimized for a range of common operating conditions. The combination
of low closed-loop gain and high capacitive loads decreases the amplifier phase margin and can lead to gain
peaking or oscillations. As a result, larger capacitive loads must be isolated from the output. The simplest way to
achieve this isolation is to add a small resistor (for example, ROUT equal to 50 Ω) in series with the output.
Figure 39 illustrates small-signal overshoot versus capacitive load for several values of ROUT. Also, for details of
analysis techniques and application circuits, refer to Feedback Plots Define Op Amp AC Performance, available
for download from www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com