전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8130AD 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STV8130AD
상세설명  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STV8130AD Datasheet HTML 2Page - STMicroelectronics STV8130AD Datasheet HTML 3Page - STMicroelectronics STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics STV8130AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CIRCUIT DESCRIPTION
STV8130AD
6/12
3
CIRCUIT DESCRIPTION
The STV8130A# and STV8130D# are dual-voltage regulators with Reset and Disable functions.
The two regulation parts are supplied from a single voltage reference circuit trimmed by zener
zapping during EWS testing. Since the supply voltage of this voltage reference is connected to pin
INPUT1 (VIN1), the second regulator will not work if pin INPUT1 is not supplied.
The adjustable voltage of pin OUTPUT2 (VOUT2) is defined by output bridge resistors (R1, R2): the
values of these resistors are calculated to obtain, with the targetted value for VOUT2, the reference
voltage (VREF = 2.44 V) on the median point connected to pin PROGRAM.
The output stages are designed using a Darlington configuration with a typical dropout voltage of
1.2 V.
The Disable circuit will switch off pin OUTPUT2 if a voltage less than 0.8 V is applied to pin
DISABLE.
The Reset circuit checks the voltage at pin OUTPUT1. If this voltage drops below VOUT1 - 0.25 V
(3.05 V Typ.), the "a" comparator (Figure 3) rapidly discharges the external capacitor (Ce) and the
reset output immediately switches to low. This drop can be caused by a parasitic loading condition
on pin OUTPUT1 or by a too low value of VIN (short powering off). When the voltage at pin
OUTPUT1 exceeds VOUT1 - 0.2 V (3.1 V Typ.), the VCe voltage increases linearly to the reference
voltage (VREF = 2.44 V) corresponding to a Reset Pulse Delay (tRD) as shown in Figure 4.
Afterwards, the reset output returns to high. To avoid glitches in the reset output, the second
comparator "b" has a large hysteresis (1.84 V).
Figure 3: Reset Diagram
Figure 4: Internal Reset Voltages
t
RD
C
e
2.44V
×
10
µA
-----------------------------
=
OUTPUT1
REG
VREF
-
+
50
a
+
-
Ce
VREF 0.6V
b
RESET
10 µA
3
VREF = 2.44 V
RESET
K
VRTH
VO1RST
tRD
tRD
VOUT1
Power On
Power Off
K = Actual Value of VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com