전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8130AD 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STV8130AD
상세설명  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD 데이터시트(HTML) 1 Page - STMicroelectronics

  STV8130AD Datasheet HTML 1Page - STMicroelectronics STV8130AD Datasheet HTML 2Page - STMicroelectronics STV8130AD Datasheet HTML 3Page - STMicroelectronics STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRELIMINARY DATA
STV8130AD
ADJUSTABLE AND +3.3 V DUAL VOLTAGE REGULATOR
WITH DISABLE AND RESET FUNCTIONS
®
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
September 2003
1/12
FEATURES
s Input Voltage Range: 5 V to 18 V
s Output Currents up to 750 mA
s Fixed Precision Output 1 Voltage: 3.3 V ±2%
s Adjustable Output 2 Voltage: 2.8 to 16 V
s Output 1 with Reset Function
s Output 2 with Disable Function by TTL Input
s Short-circuit Protection at both Outputs
s Thermal Protection
s Low Dropout Voltage
DESCRIPTION
The STV8130A# and STV8130D# are monolithic
dual positive voltage regulators designed to provide
a fixed precision output voltage of 3.3 V and an
adjustable voltage between 2.8 and 16 V for
currents up to 750 mA.
An internal reset circuit generates a reset pulse
when the voltage of Output 1 drops below the
regulated voltage value.
Output 2 can be disabled via the TTL input.
Short-circuit and thermal protections are included.
SIP9 (Plastic Package)
ORDER CODE: STV8130A#
DIP16 (8 + 8)
ORDER CODE: STV8130D#
9
8
7
6
5
4
3
2
1
OUTPUT1
OUTPUT2
PROGRAM
RESET
GROUND
DISABLE
DELAY CAPACITOR
INPUT2
INPUT1
Tab is connected to GROUND
1
2
3
4
5
6
7
8
11
12
13
14
15
16
INPUT1
INPUT2
DELAY CAPACITOR
DISABLE
RESET
PROGRAM
OUTPUT2
OUTPUT1
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
GROUND
10
9


유사한 부품 번호 - STV8130AD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
More results

유사한 설명 - STV8130AD

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
STV8130A STMICROELECTRONICS-STV8130A Datasheet
159Kb / 9P
3.3V AND ADJUSTABLE VOLTAGE REGULATORS WITH DISABLE AND RESET
Rev. 1.7
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com