전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8130AD 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STV8130AD
상세설명  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD 데이터시트(HTML) 4 Page - STMicroelectronics

  STV8130AD Datasheet HTML 1Page - STMicroelectronics STV8130AD Datasheet HTML 2Page - STMicroelectronics STV8130AD Datasheet HTML 3Page - STMicroelectronics STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRICAL CHARACTERISTICS
STV8130AD
4/12
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Electrical Characteristics
TAMB = 25° C, VIN1 = 7 V, VIN2 = 10 V, unless otherwise specified.
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage at pins INPUT1 and INPUT2
20
V
VDIS
Disable Input Voltage at pin DISABLE
20
V
VRST
Output Voltage at pin RESET
20
V
IOUT1,2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
TSTG
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
0 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Thermal Resistance
(Junction-to-Case)
STV8130A
#
STV8130D
#
9
15
°C/W
RthJA
Thermal Resistance 1
(Junction-to-Ambient)
1. Mounted on board. For more information, refer to Section 5.
STV8130A
#
STV8130D
#
50
56
°C/W
TJ
Maximum Recommended Junction Temperature
140
°C
TOPER
Operating Free Air Temperature Range
0 to +70
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT1
Output Voltage
IOUT1 = 10 mA
3.23
3.30
3.37
V
VOUT2
Output Voltage
IOUT2 = 10 mA
2.8
16.0
V
VIO1,2
Dropout Voltage
IOUT1,2 = 750 mA
1.4
V
VO1,2LI
Line Regulation
6V < VIN1 < 12 V
12 V < VIN2 < 18 V
IOUT1,2 = 200 mA
50
100
mV
VO1,2LO
Load Regulation
5mA < IOUT1 < 600 mA
5mA < IOUT2 < 600 mA
100
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com