전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV8130AD 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STV8130AD
상세설명  ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8130AD 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STV8130AD Datasheet HTML 4Page - STMicroelectronics STV8130AD Datasheet HTML 5Page - STMicroelectronics STV8130AD Datasheet HTML 6Page - STMicroelectronics STV8130AD Datasheet HTML 7Page - STMicroelectronics STV8130AD Datasheet HTML 8Page - STMicroelectronics STV8130AD Datasheet HTML 9Page - STMicroelectronics STV8130AD Datasheet HTML 10Page - STMicroelectronics STV8130AD Datasheet HTML 11Page - STMicroelectronics STV8130AD Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
POWER DISSIPATION AND LAYOUT INDICATIONS
STV8130AD
8/12
5
POWER DISSIPATION AND LAYOUT INDICATIONS
The power is mainly dissipated by the two device buffers. It can be calculated by the equation:
P = (VIN1-VOUT1) x IOUT1 + (VIN2-VOUT2) x IOUT2
The following table lists the different RthJA values of these packages with or without a heat sink and
the corresponding maximum power dissipation assuming:
q
Maximum Ambient Temperature = 70° C
q
Maximum Junction Temperature = 140° C
Device
Heat Sink
RthJA in °C/W
PMAX in W
STV8130A
#
No
50
1.4
Yes
20
3.5
STV8130D
#
No
56 to 40
1.25 to 1.75
Yes
32
2.2
Figure 7: Thermal Resistance (Junction-to-Ambient) of DIP16 Package without Heat Sink
Figure 8: Metal plate mounted near the STV8130D
# for heat sinking
Copper area (cm²) (35 µm plus solder) Board is face-down
To optimize the thermal conductivity of the copper
layer and the exchanges with the air, the solder
must cover the maximum amount of this area.
60
40
50
10
12
0
55
45
24
8
6
Test Board with
“On Board” square heat sink area.
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com