전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9154 데이터시트(PDF) 42 Page - Analog Devices

부품명 AD9154
상세설명  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9154 데이터시트(HTML) 42 Page - Analog Devices

Back Button AD9154 Datasheet HTML 38Page - Analog Devices AD9154 Datasheet HTML 39Page - Analog Devices AD9154 Datasheet HTML 40Page - Analog Devices AD9154 Datasheet HTML 41Page - Analog Devices AD9154 Datasheet HTML 42Page - Analog Devices AD9154 Datasheet HTML 43Page - Analog Devices AD9154 Datasheet HTML 44Page - Analog Devices AD9154 Datasheet HTML 45Page - Analog Devices AD9154 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 42 of 124
Link Delay
The link delay of a JESD204B system is the sum of fixed and
variable delays from the transmitter, channel and receiver, as
shown in Figure 53.
For proper functioning, all lanes on a link must be read during
the same LMFC period. Section 6.1 of the JESD204B
specification states that the LMFC period must be larger than
the maximum link delay.
For the AD9154, this is not necessarily the case; instead, the
AD9154 uses a local LMFC for each link (LMFCRx) that can be
delayed from the SYSREF aligned LMFC. Because the LMFC is
periodic, this can account for any amount of fixed delay. As a
result, the LMFC period must only be larger than the variation in
the link delays, and the AD9154 can achieve proper performance
with a smaller total latency. Figure 51 and Figure 52 show a case
where the link delay is larger than an LMFC period. Note that it
can be accommodated by delaying LMFCRx.
ILAS
DATA
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
EARLY ARRIVING
LMFC REFERENCE
LATE ARRIVING
LMFC REFERENCE
Figure 51. Link Delay > LMFC Period Example
ILAS
DATA
FRAME CLOCK
POWER CYCLE
VARIANCE
LMFC
ALIGNED DATA
LMFCRX
LMFC_DELAY
LMFC REFERENCE FOR ALL POWER CYCLES
Figure 52. LMFC DELAY to Compensate for Link Delay > LMFC
ILAS
ILAS
FIXED DELAY
VARIABLE
DELAY
POWER CYCLE
VARIANCE
DATA
LMFC
ALIGNED DATA
AT Rx OUTPUT
DATA AT
Tx INPUT
DATA
DSP
CHANNEL
LOGIC DEVICE
(JESD204B Tx)
JESD204B Rx
DAC
LINK DELAY = DELAYFIXED + DELAYVARIABLE
Figure 53. JESD204B Link Delay = Fixed Delay + Variable Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More