전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9154 데이터시트(PDF) 61 Page - Analog Devices

부품명 AD9154
상세설명  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9154 데이터시트(HTML) 61 Page - Analog Devices

Back Button AD9154 Datasheet HTML 57Page - Analog Devices AD9154 Datasheet HTML 58Page - Analog Devices AD9154 Datasheet HTML 59Page - Analog Devices AD9154 Datasheet HTML 60Page - Analog Devices AD9154 Datasheet HTML 61Page - Analog Devices AD9154 Datasheet HTML 62Page - Analog Devices AD9154 Datasheet HTML 63Page - Analog Devices AD9154 Datasheet HTML 64Page - Analog Devices AD9154 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 61 of 124
Configuration Mismatch IRQ
The AD9154 has a configuration mismatch flag that is available
as an IRQ event. Use Register 0x47B, Bit 3 to enable the
mismatch flag (it is enabled by default), and then use
Register 0x47B, Bit 4 to read back its status and reset the IRQ
signal. See the Interrupt Request Operation section for more
information.
The configuration mismatch event flag is high when the link
configuration settings (in Register 0x450 to Register 0x45D) do
not match the JESD204B transmitted settings (Register 0x400 to
Register 0x40D). All these registers are paged per link (in
Register 0x300).
Note that this function is different from the good checksum
flags in Register 0x472. The good checksum flags ensure that
the transmitted checksum matches a calculated checksum based
on the transmitted settings. The configuration mismatch event
ensures that the transmitted settings match the configured settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More