전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8855-18GL 데이터시트(PDF) 4 Page - Fortune Semiconductor Corp.

부품명 FS8855-18GL
상세설명  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORTUNE [Fortune Semiconductor Corp.]
홈페이지  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL 데이터시트(HTML) 4 Page - Fortune Semiconductor Corp.

  FS8855-18GL Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FS8855
Rev. 2.7
4/14
5.
Pin Configurations
6.
Package Marking Information
7.
Pin Description
Part NO.
Symbol
Description
FS8855-xxGL
FS8855-xxGI
GND
Ground pin that provides the reference for all voltages.
IN
Regulator input pin. Supply voltage can range from 2.5V to 9.0V.
Bypass with a 1µF capacitor to GND.
OUT
Regulator output pin. Sources up to 550mA. Bypass with a 3.3µF
capacitor to GND.
EX:FS8855-33GL
xxxx:Date Code
FS8855
xxxxxxxx
1
2
3
SOT-89
Part No. Pin 1 Pin 2 Pin 3
FS8855
-xxGL
GND
IN
OUT
FS8855
-xxGI
OUT GND
IN
FS8855
33GLxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com