전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8855-18GL 데이터시트(PDF) 7 Page - Fortune Semiconductor Corp.

부품명 FS8855-18GL
상세설명  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORTUNE [Fortune Semiconductor Corp.]
홈페이지  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL 데이터시트(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8855-18GL Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FS8855
Rev. 2.7
7/14
12. Typical Operating Characteristics
(CIN=1.0µF, COUT=3.3µF, TA=+25℃, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3456
7
89
INPUT VOLTAGE (V)
DROPOUT VOLTAGE vs. LOAD CURRENT
0
100
200
300
400
500
600
700
800
900
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
POWER SUPPLY REJECTION RATIO vs.
FREQUENCY
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
FREQUENCY (KHz)
GROUND PIN CURRENT vs. AMBIENT
TEMPERATURE
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
1020
3040
50
6070
80
AMBIENT TEMPERATURE (℃)
Ron vs. LOAD CURRENT
0.80
0.90
1.00
1.10
1.20
1.30
1.40
50
100
150
200
250
300
350
400
450
500
550
600
LOAD CURRENT (mA)
GND PIN CURRENT vs. LOAD CURRENT
54
56
58
60
62
64
66
68
1
100
200
300
400
500
600
LOAD CURRENT (mA)
250mA
100mA
1mA
500mA
*EX:Model FS8855-33Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com