전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8855-18GL 데이터시트(PDF) 6 Page - Fortune Semiconductor Corp.

부품명 FS8855-18GL
상세설명  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORTUNE [Fortune Semiconductor Corp.]
홈페이지  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL 데이터시트(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS8855-18GL Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
FS8855
Rev. 2.7
6/14
10. Absolute Maximum Ratings
Input voltage VIN to GND -------------------------------------------------------------------------------------------------- 9V
Output current limit, I(LIMIT) -------------------------------------------------------------------------------------------------- 0.8A
Continuous power dissipation, PD (ΔT= TJ -TA = 100°C)
SOT-89
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ----------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55℃ to +150°C
Operating junction temperature range ---------------------------------------------------------------- -40℃ to +125°C
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------- 260°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond
those
indicated
under
“recommended
operating
conditions”
is
not
implied.
Exposure
to
absolute-maximum-rated conditions for extended periods may affect device reliability
11. Electrical Characteristics
(TA=25℃, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
7.0
V
VOUT
Output Voltage Accuracy
1.5V ≤ VOUT ≤ 3.5V
VIN>VOUT+0.8V, IOUT=1mA, VIN≤7V
VOUT-
2.0%
VOUT
VOUT+
2.0%
V
IMAX
Maximum Load Current
500
mA
ILIMIT
Current Limit
0.8
A
ISC
Short-Circuit Current
VOUT=0V, VIN=5.0V
350
400
mA
IQ
Ground Pin Current
IOUT=0mA to 500mA, VIN=5.0V
30
50
µA
VDROP
Dropout Voltage
IOUT=1mA
1.1
1.3
mV
IOUT=100mA
140
170
mV
IOUT=500mA
700
850
mV
∆VLINE
Line Regulation
VOUT+0.8V<VIN<9V, ILOAD=1mA
0.2
0.3
%/V
∆VLOAD
Load Regulation
IOUT=0mA to 500mA
0.01
0.02
%/mA
eN
Output Noise
F=1Hz to 10KHz, COUT=3.3µF
75
µVRMS
PSRR
Ripple Rejection
F=10KHz, COUT=3.3µF
70
dB
TSD
Thermal Shutdown Temperature
155
°C
THYS
Thermal Shutdown Hysteresis
10
°C
θJA
Thermal Resistance
SOT-89
180
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com