전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS8855-18GL 데이터시트(PDF) 8 Page - Fortune Semiconductor Corp.

부품명 FS8855-18GL
상세설명  500 mA LDO Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORTUNE [Fortune Semiconductor Corp.]
홈페이지  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8855-18GL 데이터시트(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS8855-18GL Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8855-18GL Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FS8855
Rev. 2.7
8/14
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.30
3.32
3.34
3.36
-40
-30
-20
-10
0
10
20304050607080
AMBIENT TEMPERATURE (℃)
OUTPUT NOISE DC to 1MHz (39uVRMS)
LINE TRANSIENT (IOUT=0mA)
GROUND PIN CURRENT v s. INPUT VOLTAGE
0
20
40
60
80
100
120
140
160
01
234
5
6
78
9
10
11
INPUT VOLTAGE (V)
OUTPUT NOISE to 1MHz (74uVRMS)
LINE TRANSIENT (IOUT=10mA)
Iload
=0mA
Iload
=500mA
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com