전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RF64W 데이터시트(PDF) 24 Page - HOPE Microelectronics CO., Ltd.

부품명 RF64W
상세설명  Ultra-Low Power Integrated 300-510MHz Transceiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOPE [HOPE Microelectronics CO., Ltd.]
홈페이지  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF64W 데이터시트(HTML) 24 Page - HOPE Microelectronics CO., Ltd.

Back Button RF64W Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 27Page - HOPE Microelectronics CO., Ltd. RF64W Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 24 of 76
RF64
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
or to fill the FIFO buffers with glitch-free data in Buffered mode. The operation of the receiver is now described in
detail.
Note: Image rejection is achieved by the SAW filter.
3.4.2. LNA and First Mixer
In receive mode, the RFIO pin is connected to a fixed gain, common-gate, Low Noise Amplifier (LNA). The
performance of this amplifier is such that the Noise Figure (NF) of the receiver can be es
timated to be ≈7 dB.
3.4.3. IF Gain and Second I/Q Mixer
Following the LNA and first down-conversion, there is an IF amplifier whose gain can be programmed from -
13.5 dB to 0 dB in 4.5 dB steps, via the register MCParam_IF_gain. The default setting corresponds to 0 dB gain,
but lower values can be used to increase the RSSI dynamic range. Refer to section 3.4.7 for additional information.
3.4.4. Channel Filters
The second mixer stages are followed by the channel select filters. The channel select filters have a strong
influence on the noise bandwidth and selectivity of the receiver and hence its sensitivity. Each filter comprises a
passive and active section.
3.4.4.1. Passive Filter
Each channel select filter features a passive second-order RC filter, with a bandwidth programmable through the
bits RXParam_PassiveFilt. As the wider of the two filters, its effect on the sensitivity is negligible, but its bandwidth
has to be setup instead to optimize blocking immunity. The value entered into this register sets the single side
bandwidth of this filter. For optimum performance it should be set to 3 to 4 times the cutoff frequency of the active
Butterworth (or polyphase) filter described in the next section.
3* Fc
ButterfFilt ≤ BW passive, filter ≤4 * Fc ButterFilt
3.4.4.2. Active Filter
The
‟fine‟ channel selection is performed by an active, third-order, Butterworth filter, which acts as a low-pass filter
for the zero-IF configuration (FSK), or a complex polyphase filter for the Low-IF (OOK) configuration. The
RXParam_PolypFilt_on bit enables/disables the polyphase filter.
Low-pass filter for FSK ( RXParam_PolyFilt_on=
‟‟0‟‟)
-fC
0
fC
frequency
Polyphase filter for OOK ( RXParam_PolyFilt_on=
‟‟1‟‟ )
Canceled side of
the polyphase filter
-fC
-fo
0
frequency
Figure 17: Active Channel Filter Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com