전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8813 데이터시트(PDF) 52 Page - NXP Semiconductors

부품명 PCF8813
상세설명  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 데이터시트(HTML) 52 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 48Page - NXP Semiconductors PCF8813 Datasheet HTML 49Page - NXP Semiconductors PCF8813 Datasheet HTML 50Page - NXP Semiconductors PCF8813 Datasheet HTML 51Page - NXP Semiconductors PCF8813 Datasheet HTML 52Page - NXP Semiconductors PCF8813 Datasheet HTML 53Page - NXP Semiconductors PCF8813 Datasheet HTML 54Page - NXP Semiconductors PCF8813 Datasheet HTML 55Page - NXP Semiconductors PCF8813 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
2004 Mar 05
52
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
17.5
Interface commands
Instructions additional to those of the instruction set (Table 5) are given in Table 21.
Table 21 Additional instructions
INSTRUCTION
D/CR/W
COMMAND BYTE
ACTION
D7
D6
D5
D4
D3
D2
D1
D0
Reset
enable OTP circuitry
Function set
0000100000
exit Power-down
REF (refresh)
000001000
PC
switch HVgen on/off to force
refresh of shift register
wait 5 ms for refresh to take effect
Function set
0000100101
set PD = 1 and H = 1
MM
0000011110
enter MM mode
17.5.1
DISABLE OTP COMMAND
This is a special instruction for the PCF8813 which
disables all included OTP circuitry. In this case, all
OTP-related commands are inactive. VCAL and MF have
no effect on VLCD and manufacture identification
respectively. Once disabled, the mode can only be
enabled via a reset.
17.5.2
MODULE MAKER CALIBRATION
Instruction (MM) enters the device into the calibration
mode. This mode enables the shift register for loading and
allows programming of the non-volatile OTP cells to take
place. If the seal bit is set, then this mode cannot be
accessed and the instruction will be ignored. Once in
calibration mode all commands are interpreted as shift
register data. The mode can only be exited by sending
data with bit D7 set to logic 0. Reset will also clear this
mode. Each shift register data byte is preceded by D/C=0
and has only three significant bits, thus the remaining five
bits are ignored. Bit D7 is the continuation bit (D7 = 1
indicates remain in MM mode; D7 = 0 indicates exit
MM mode). D6 has to be logic 0 until the last bit when the
seal bit is set, in which case this is set to logic 1 (D6 is set
to logic 1 only when the high voltage used for
programming the cells is about to be applied). Bit D0 is the
data bit and its value is shifted into the OTP shift register
on the falling edge of the SCLK clock.
17.5.3
REFRESH
The action of the refresh instruction (REF) is to force the
OTP shift register to re-load from the non-volatile OTP
cells. This instruction takes up to 5 ms to complete. During
this time all other instructions may be sent.
In the PCF8813, the refresh instruction is associated with
the power control instruction so that the shift register is
refreshed automatically every time the high voltage
generator is enabled or disabled. However, if this
instruction is sent while in Power-down, the PC bits are
updated but the refreshing is ignored.
17.6
Filling the shift register
An example of the sequence of commands and data for
filling the shift register is shown in Table 22. This example
uses the values VCAL = −4 (11100B), MF = 4 (100B is
the Philips identifying code) and the seal bit is 0.
It is assumed that the PCF8813 has just been reset. After
transmitting the last bit the PCF8813 can exit or remain
in MM mode (see Table 22, step 1). When in MM mode,
the interface does not recognize commands in the normal
sense.
After this sequence has been applied, it is possible to
observe the impact of the data shifted in. The sequence
described is not useful for OTP programming because the
number of bits with value = 1 is greater than that allowed
for programming (see Section 17.7). Figure 49 shows the
shift register after this action.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com