전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D17133CS 데이터시트(PDF) 41 Page - NEC

부품명 D17133CS
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

D17133CS 데이터시트(HTML) 41 Page - NEC

Back Button D17133CS Datasheet HTML 37Page - NEC D17133CS Datasheet HTML 38Page - NEC D17133CS Datasheet HTML 39Page - NEC D17133CS Datasheet HTML 40Page - NEC D17133CS Datasheet HTML 41Page - NEC D17133CS Datasheet HTML 42Page - NEC D17133CS Datasheet HTML 43Page - NEC D17133CS Datasheet HTML 44Page - NEC D17133CS Datasheet HTML 45Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 289 page
background image
CHAPTER 4
PROGRAM MEMORY (ROM)
26
Example
Figure 4-2. Direct Subroutine Call (CALL addr)
CALL SUB1
Program memory
RET
SUB1:
Adddress
0000H
03FFH
Note
Note The last address of the program memory of the
µPD17120 and µPD17121 is 02FFH.
(5) Indirect subroutine call
When using an indirect subroutine call (CALL @AR), the value in the address register (AR) should be an address
of the called subroutine. This instruction can be used to call any address in program memory.
Also refer to 7.2 ADDRESS REGISTER (AR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More