전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D17133CS 데이터시트(PDF) 13 Page - NEC

부품명 D17133CS
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

D17133CS 데이터시트(HTML) 13 Page - NEC

Back Button D17133CS Datasheet HTML 9Page - NEC D17133CS Datasheet HTML 10Page - NEC D17133CS Datasheet HTML 11Page - NEC D17133CS Datasheet HTML 12Page - NEC D17133CS Datasheet HTML 13Page - NEC D17133CS Datasheet HTML 14Page - NEC D17133CS Datasheet HTML 15Page - NEC D17133CS Datasheet HTML 16Page - NEC D17133CS Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 289 page
background image
– viii –
LIST OF FIGURES (2/2)
Figure No.
Title
Page
13-1
Configuration of the 8-bit Timer Counter ...............................................................................
118
13-2
Timer Mode Register .............................................................................................................
119
13-3
Setting the Count Value in a Modulo Register .......................................................................
122
13-4
Error in Zero-Clearing the Count Registe during Counting ....................................................
124
13-5
Error in Starting Counting from the Count Halt State ............................................................
125
13-6
Reading 8-Bit Counter Count Values .....................................................................................
127
13-7
Timer Output Control Mode Register ....................................................................................
129
13-8
Configuration of Comparator .................................................................................................
131
13-9
Comparator Input Channel Selection Register .......................................................................
133
13-10
Reference Voltage Selection Register ...................................................................................
133
13-11
Comparator Operation Control Register ................................................................................
134
13-12
Block Diagram of the Serial Interface ....................................................................................
136
13-13
Timing of 8-Bit Transmission and Reception Mode
(Simultaneous Transmission Reception) ................................................................................
137
13-14
Timing of the 8-Bit Reception Mode .....................................................................................
138
13-15
Serial Interface Control Register ............................................................................................
139
13-16
Setting a Value in the Shift Register ......................................................................................
141
13-17
Reading a Value from the Shift Register ................................................................................
142
14-1
Interrupt Control Register ......................................................................................................
148
14-2
Interrupt Handling Procedure .................................................................................................
153
14-3
Return from Interrupt Handling ..............................................................................................
154
14-4
Interrupt Acceptance Timing Chart (when INTE=1 and IP
×××=1) .........................................
155
15-1
Cancellation of HALT Mode ...................................................................................................
164
15-2
Cancellation of STOP Mode ...................................................................................................
168
16-1
Reset Block Configuration .....................................................................................................
172
16-2
Resetting ...............................................................................................................................
172
16-3
Example of the Power-On Reset Operation ..........................................................................
175
16-4
Example of the Power-Down Reset Operation .....................................................................
177
16-5
Example of Reset Operation during the Period from Power-Down Reset to
Power Recovery ....................................................................................................................
178
17-1
Procedure of program Memory Writing .................................................................................
182
17-2
Procedure of Program Memory Reading ...............................................................................
183
19-1
Configuration of Control Register (
µPD17120, 17121) ..........................................................
258
19-2
Configuration of Control Register (
µPD17132, 17133, 17P132, 17P133) ..............................
264
C-1
Externally Installed System Clock Oscillation Circuit .............................................................
271
C-2
Unsatisfactory Oscillation Circuit Examples ..........................................................................
272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More