전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D17133CS 데이터시트(PDF) 10 Page - NEC

부품명 D17133CS
상세설명  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

D17133CS 데이터시트(HTML) 10 Page - NEC

Back Button D17133CS Datasheet HTML 6Page - NEC D17133CS Datasheet HTML 7Page - NEC D17133CS Datasheet HTML 8Page - NEC D17133CS Datasheet HTML 9Page - NEC D17133CS Datasheet HTML 10Page - NEC D17133CS Datasheet HTML 11Page - NEC D17133CS Datasheet HTML 12Page - NEC D17133CS Datasheet HTML 13Page - NEC D17133CS Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 289 page
background image
– v –
CHAPTER 14 INTERRUPT FUNCTIONS ........................................................................................
145
14.1 INTERRUPT SOURCES AND VECTOR ADDRESS.........................................................
146
14.2 HARDWARE COMPONENTS OF THE INTERRUPT CONTROL CIRCUIT ....................
147
14.2.1
Interrupt Request Flag (IRQ
×××) and the Interrupt Enable Flag (IP×××)...........................
147
14.2.2
EI/DI Instruction ...................................................................................................................
147
14.3 INTERRUPT SEQUENCE ..................................................................................................
152
14.3.1
Acceptance of Interrupts ....................................................................................................
152
14.3.2
Return from the Interrupt Routine .....................................................................................
154
14.3.3
Interrupt Acceptance Timing ...............................................................................................
155
14.4 PROGRAM EXAMPLE OF INTERRUPT ...........................................................................
158
CHAPTER 15 STANDBY FUNCTIONS ...........................................................................................
161
15.1 OUTLINE OF STANDBY FUNCTION ...............................................................................
161
15.2 HALT MODE ......................................................................................................................
163
15.2.1
HALT Mode Setting .............................................................................................................
163
15.2.2
Start Address after HALT Mode is Canceled .....................................................................
163
15.2.3
HALT Setting Condition .......................................................................................................
165
15.3 STOP MODE ......................................................................................................................
167
15.3.1
STOP Mode Setting ............................................................................................................
167
15.3.2
Start Address after STOP Mode Cancellation ....................................................................
167
15.3.3
STOP Setting Condition ......................................................................................................
169
CHAPTER 16 RESET ........................................................................................................................
171
16.1 RESET FUNCTIONS ..........................................................................................................
171
16.2 RESETTING ........................................................................................................................
172
16.3 POWER-ON/POWER-DOWN RESET FUNCTION ..........................................................
173
16.3.1
Conditions Required to Enable the Power-On Reset Function .........................................
173
16.3.2
Description and Operation of the Power-On Reset Function ...........................................
174
16.3.3
Condition Required for Use of the Power-Down Reset Function ....................................
176
16.3.4
Description and Operation of the Power-Down Reset Function ......................................
176
CHAPTER 17 ONE-TIME PROM WRITING/VERIFYING ...............................................................
179
17.1 DIFFERENCES BETWEEN MASK ROM VERSION AND
ONE-TIME PROM VERSION ............................................................................................
179
17.2 OPERATING MODE IN PROGRAM MEMORY WRITING/VERIFYING.........................
180
17.3 WRITING PROCEDURE OF PROGRAM MEMORY ........................................................
181
17.4 READING PROCEDURE OF PROGRAM MEMORY ........................................................
182
CHAPTER 18 INSTRUCTION SET ..................................................................................................
185
18.1 OVERVIEW OF THE INSTRUCTION SET .......................................................................
185
18.2 LEGEND .............................................................................................................................
186
18.3 LIST OF THE INSTRUCTION SET ...................................................................................
187
18.4 ASSEMBLER (AS17K) MACRO INSTRUCTIONS ..........................................................
188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More