| 전자부품 데이터시트 검색엔진 |
|
AM79C930VCW 데이터시트(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930VCW 데이터시트(HTML) 21 Page - Advanced Micro Devices |
|
21 / 161 page ![]() Am79C930 21 PRELIMINARY ISA PLUG AND PLAY PIN LIST Listed by Pin Number Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name 1 LA19 37 MA10 73 SD7 109 SAR1 2 SA16 38 MOE 74 SD6 110 SAR2 3 LA17 39 SCE 75 SD5 111 SAR3 4 VDDM 40 FCE 76 VSSP 112 SAR4 5 XCE 41 SD2 77 SD4 113 SAR5 6 MA11 42 SD1 78 SD3 114 SAR6 7 VSSM 43 SD0 79 PCMCIA 115 TXC 8 MA9 44 VSSP 80 CLK20 116 VSST 9 MA8 45 BALE 81 TEST 117 LFCLK 10 MA13 46 SA0 82 PMX2 118 LFPE 11 MWE 47 SA1 83 PMX1 119 HFCLK 12 MA14 48 AEN 84 TCK 120 HFPE 13 MA16 49 SA2 85 TDO 121 TXDATA 14 MA15 50 LA22 86 TMS 122 RXPE 15 MA12 51 SA3 87 TRST 123 RXDATA 16 VDDM 52 IOCHRDY 88 TDI 124 RXCIN 17 V CC 53 SA4 89 V CC 125 VDDT 18 MA7 54 SA7 90 RFRSH 126 TXCMD 19 MA6 55 VDDP 91 IRQ12 127 V SS 20 MA5 56 SA12 92 IRQ11 128 FDET 21 VSSM 57 V SS 93 VSSU1 129 TXPE 22 MA4 58 RESET 94 IRQ10 130 VSST 23 MA3 59 SA5 95 IRQ5 131 TXMOD 24 MA2 60 SA6 96 IRQ4 132 ANTSLT 25 MA1 61 IRQ9 97 VDDU1 133 PWRDWN 26 MA0 62 MEMW 98 ACT 134 ADIN1 27 MD0 63 SA14 99 VSST 135 ADIN2 28 MD1 64 SA13 100 LNK 136 AVSS 29 VDDM 65 SA8 101 SDCLK 137 ADREF 30 MD2 66 IOW 102 SDDATA 138 AVDD 31 MD3 67 IOR 103 SDSEL3 139 VDD5 32 VSSM 68 SA9 104 VDDT 140 VDDU2 33 MD4 69 SA11 105 SDSEL2 141 LA23 34 MD5 70 MEMR 106 VSST 142 LA21 35 MD6 71 SA10 107 SDSEL1 143 LA20 36 MD7 72 LA18 108 SAR0 144 SA15 |