| 전자부품 데이터시트 검색엔진 |
|
AM79C930VCW 데이터시트(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930VCW 데이터시트(HTML) 22 Page - Advanced Micro Devices |
|
22 / 161 page ![]() 22 Am79C930 PRELIMINARY ISA PLUG AND PLAY PIN LIST Listed by Pin Name Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. Pin Name Pin No. ACT 98 MA11 6 SA1 47 SDSEL2 105 ADIN1 134 MA12 15 SA10 71 SDSEL3 103 ADIN2 135 MA13 10 SA11 69 TCK 84 ADREF 137 MA14 12 SA12 56 TDI 88 AEN 48 MA15 14 SA12 56 TDO 85 ANTSLT 132 MA16 13 SA13 64 TEST 81 AVDD 138 MA2 24 SA14 63 TMS 86 AVSS 136 MA3 23 SA15 144 TRST 87 BALE 45 MA4 22 SA16 2 TXC 115 CLK20 80 MA5 20 SA2 49 TXCMD 126 FCE 40 MA6 19 SA3 51 TXDATA 121 FDET 128 MA7 18 SA4 53 TXMOD 131 HFCLK 119 MA8 9 SA5 59 TXPE 129 HFPE 120 MA9 8 SA6 60 V CC 17 IOCHRDY 52 MD0 27 SA7 54 V CC 89 IOR 67 MD1 28 SA8 65 VDD5 139 IOW 66 MD2 30 SA9 68 VDDM 4 IRQ10 94 MD3 31 SAR0 108 VDDM 16 IRQ11 92 MD4 33 SAR1 109 VDDM 29 IRQ12 91 MD5 34 SAR2 110 VDDP 55 IRQ4 96 MD6 35 SAR3 111 VDDT 104 IRQ5 95 MD7 36 SAR4 112 VDDT 125 IRQ9 61 MEMR 70 SAR5 113 VDDU1 97 LA17 3 MEMW 62 SAR6 114 VDDU2 140 LA18 72 MOE 38 SCE 39 V SS 57 LA19 1 MWE 11 SD0 43 V SS 127 LA20 143 PCMCIA 79 SD1 42 VSSM 7 LA21 142 PMX1 83 SD2 41 VSSM 32 LA22 50 PMX2 82 SD3 78 VSSP 44 LA23 141 PWRDWN 133 SD4 77 VSSP 76 LFCLK 117 RESET 58 SD5 75 VSST 99 LFPE 118 RFRSH 90 SD6 74 VSST 106 LNK 100 RXCIN 124 SD7 73 VSST 116 MA0 26 RXDATA 123 SDCLK 101 VSST 130 MA1 25 RXPE 122 SDDATA 102 VSSU1 93 MA10 37 SA0 46 SDSEL1 107 XCE 5 |