| 전자부품 데이터시트 검색엔진 |
|
E53-R 데이터시트(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-R 데이터시트(HTML) 22 Page - Omron Electronics LLC |
|
22 / 36 page ![]() 22 Digital Controller E5AK/E5EK ■ Alarm Mode Selectors Alarm outputs are available if they are allocated as outputs. Factory setting is “2: Upper-limit alarm (deviation).” Deviation Alarm If the alarm mode selector is set to a number between 1 to 7, alarm values are set to the width deviated from the set point as shown in the following illustration. Absolute Alarm If the alarm mode selector is set to 8 or 9, alarm values are set to the absolute value based on 0 °C/°F as shown in the following illustration. When selecting a control method, refer to the following table for cor- rect parameter setting. Switch setting Alarm operation Alarm output When X is positive When X is negative 1 Upper- and lower-limit alarm (deviation) Always ON 2 Upper-limit alarm (deviation) 3 Lower-limit alarm (deviation) 4 Upper- and lower-limit range alarm (deviation) Always OFF 5 Upper- and lower-limit alarm with standby se- quence (deviation) Always OFF 6 Upper-limit alarm with standby sequence (devia- tion) 7 Lower-limit alarm with standby sequence (devia- tion) 8 Absolute-value upper-limit alarm 9 Absolute-value lower-limit alarm 10 Absolute-value upper-limit alarm with standby se- quence 11 Absolute-value lower-limit alarm with standby se- quence XX ON OFF SP X SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF XX SP ON OFF XX SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF X SP ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF X 0 ON OFF 0 X ON OFF 10 °C/°F 110 °C/°F Alarm value Set point (SP) 100 °C/°F 0 °C/°F 110 °C/°F 110 °C/°F Alarm value Control method Control output 1 assignment Control output 2 assignment Operation Heat Control output (heat) --- Reverse Cool Control output (heat) --- Direct Heat/Cool Control output (heat) Control output (cool) Reverse |